Part Number Hot Search : 
F10U20DN HMJ807 5SM13 08500 SBL1040C MX29LV LS103 LM239D
Product Description
Full Text Search
 

To Download AQ7-LN-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 08-1 08 features specifications qseven cpu modules aq7-ln onboard intel? atom? n450/n455 processor onboard ddr2 667 memory, max. 1gb (a1.0/b1.0) onboard ddr3 667 memory, max. 2gb (c1.0/d1.0) gigabit ethernet crt connector, 18-bit single-channel lvds lcd high definition audio interface pata ssd (up to 4gb, optional) x 1, sata 3.0gb/s x2 usb2.0 x 8 pci-express [x1] x 4 lpc bus x 1 +5v only operation qseven cpu module with onboard intel? atom? n450/n455 processor m2.5 screw x 4 ? product cd ? aq7-ln ? packing list system form factor qseven processor onboard intel? atom? n450/n455 processor system memory onboard ddr2 667 memory, max. 1gb (a1.0/b1.0) onboard ddr3 667 memory, max. 2gb (c1.0/d1.0) chipset intel? ich8m ethernet intel? 82567v, gigabit ethernet bios ami rom spi type, 4mb wake on lan yes watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed and temperature monitoring expansion interface pci-express [x1] x 4 lpc bus x 1 smbus x 1 battery lithium battery power requirement +5v dc power consumption (typical) intel? atom? n450 1.66 ghz, ddr2 667 1gb 2.43a@+5v with tf-ecb-930g-a10 intel? atom? n455 1.66 ghz, ddr3 667 2gb 2.20a@+5v with tf-ecb-930g-a10 board size 2.75" (l) x 2.75" (w) (70mm x 70mm): without ssd, tf-AQ7-LN-A10/c10 3.35" (l) x 2.75" (w) (85mm x 70mm): with ssd, tf-aq7-ln-b10/d10 gross weight 0.44 lb (0.2kg) operating temperature 32 f ~ 140 f (0 c ~ 60 c) storage temperature -40 f ~ 176 f (-40 c ~ 80 c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) display supports crt/lcd dual simultaneous/ dual independent displays chipset intel? atom? n450/n455 integrated integrates hardware mpeg2 decoder memory shared system memory up to 384mb/ dvmt 4.0 resolution up to 1400 x 1050 (sxga) @ 60hz for crt up to 1366 x 768 or 1280 x 800 (wxga) @ 60hz for lcd lcd interface 18-bit single-channel lvds sdvo crt one crt connector on the module i/o storage pata ssd on board, max. 4gb (b1.0). sata 3.0gb/s x 2 (a1.0 / b1.0) sata ssd on board, max. 8gb (d1.0). sata 3.0gb/s x 2 (c1.0 / d1.0) usb usb 2.0 x 8 audio high definition audio interface ddr2 667 memory chips (a1.0/b1.0) ddr3 667 memory chips (c1.0/d1.0) ddr2 800 memory chips onboard intel? atom? n450 intel? 82567v gigabit ethernet onboard intel? atom? n450 processor intel? ich8m sata ssd (d1.0) pata ssd (b1.0) aq7-ln rev.b aq7-ln rev.a
08-2 dimension unit: mm aq7-ln qseven cpu module with onboard intel? atom? n450/n455 processor ordering information tf-ecb-930g-a10 ? qseven carrier board, 3.5", dual gigabit ethernet, 2ch audio, 2 com, usb, mini card, dc, rev.a1.0 tf-per-a096 ? active cooler, for aq7 cpu module, onboard cpu tf-per-a097 ? heat spreader kit, for aq7-ln, onboard cpu optional accessories aq7- ln- a10 aq7- ln- b10 part number cpu memory display lvds storage lan usb2.0 expansion slot power temp AQ7-LN-A10 intel? atom? n455/1.66g onboard 1gb ddr2 crt, lvds 18-bit single channel sata2 x 2 gbe x 1 8 pci-e[1] x 4 5v 0c~60c aq7-ln-b10 intel? atom? n455/1.66g onboard 1gb ddr2 crt, lvds 18-bit single channel 4gb ssd sata2 x 2 gbe x 1 8 pci-e[1] x 4 5v 0c~60c aq7-ln-c10 intel? atom? n455/1.66g onboard 1gb ddr3 crt, lvds 18-bit single channel sata2 x 2 gbe x 1 8 pci-e[1] x 4 5v 0c~60c aq7-ln-d10 intel? atom? n455/1.66g onboard 1gb ddr3 crt, lvds 18-bit single channel 4gb ssd sata2 x 2 gbe x 1 8 pci-e[1] x 4 5v 0c~60c


▲Up To Search▲   

 
Price & Availability of AQ7-LN-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X